Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59S/T27 Datasheet(PDF) 1 Page - Bahco

Part # 59S/T27
Description  1/4" Bit Set for Slotted/Phillips/Pozidriv/TORX®/Hex Head Screw - 31 Pcs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BAHCO [Bahco]
Direct Link  www.bahco.com
Logo BAHCO - Bahco

59S/T27 Datasheet(HTML) 1 Page - Bahco

  59S/T27 Datasheet HTML 1Page - Bahco 59S/T27 Datasheet HTML 2Page - Bahco  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Contact: info@bahco.com / www.bahco.com
59/S31B
1/4" Bit Set for
Slotted/Phillips/Pozidriv/TORX®/Hex
Head Screw - 31 Pcs
PRODUCT DETAILS
• For slotted, Phillips, Pozidriv, TORX®, hexagonal
head screws
• Includes 31 pieces: 29 bits, 1 magnetic quick
release bit holder and 1 socket adaptor 1/4"
• 25 mm bits: SL4.5, SL5.5, PH1, PH2 x3, PH3,
PH2G x2, PZ1, PZ2 x3, PZ3, T10, T15 x3, T20 x3,
T25 x2, T27, T30, HEX3, HEX4, HEX5, HEX6
• PH2G bits for use with reduced shaft diameter
for drywall construction
• For universal use
• High performance alloy steel
• Zinc phosphate finish
• 1/4" hex drive DIN 3126 and ISO 1173, style C
6.3
• 1/4" square socket adaptor, ball type for regular
nut driver socket (style C 6.3)
• Magnetic quick release bit holder with lock in
type system (style E 6.3)
• Small and compact plastic case with belt clip
• In a hanging cardboard card
PRODUCT ATTRIBUTES
Product
59/S31B
31
40.25 x 104.90 x 65.35 mm
244 g


Similar Part No. - 59S/T27

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S101-400L5 ROSENBERGER-59S101-400L5 Datasheet
40Kb / 2P
SMB STRAIGHT PLUG PCB
59S101-S00L5 ROSENBERGER-59S101-S00L5 Datasheet
37Kb / 2P
SMB ADAPTOR
59S102-102L5 ROSENBERGER-59S102-102L5 Datasheet
39Kb / 2P
SMB STRAIGHT PLUG
59S10H-400T5-A ROSENBERGER-59S10H-400T5-A Datasheet
922Kb / 4P
FAKRA - HF STRAIGHT PLUG PCB
59S10H-400T5-B ROSENBERGER-59S10H-400T5-B Datasheet
922Kb / 4P
FAKRA - HF STRAIGHT PLUG PCB
More results

Similar Description - 59S/T27

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-1-80 PHOENIX-SF-PH-1-80 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-0-60 PHOENIX-SF-PZ-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-3-150 PHOENIX-SF-PZ-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PHSL-1-80-S-VDE PHOENIX-SF-PHSL-1-80-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com