Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59S/T27 Datasheet(PDF) 2 Page - Bahco

Part # 59S/T27
Description  1/4" Bit Set for Slotted/Phillips/Pozidriv/TORX®/Hex Head Screw - 31 Pcs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BAHCO [Bahco]
Direct Link  www.bahco.com
Logo BAHCO - Bahco

59S/T27 Datasheet(HTML) 2 Page - Bahco

  59S/T27 Datasheet HTML 1Page - Bahco 59S/T27 Datasheet HTML 2Page - Bahco  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Contact: info@bahco.com / www.bahco.com
SET CONTENT
1/4" Standard Screwdriver Bit for
Slotted Head Screws 0.6 mm x 4.5
mm x 25 mm - 5 Pcs/Plastic Box
59S/0.6-4.5
1/4" Standard Screwdriver Bit for
Slotted Head Screws 1 mm x 5.5
mm x 25 mm - 5 Pcs/Plastic Box
59S/1.0-5.5
1/4" Standard Screwdriver Bit for
TORX® T27 Head Screw 25 mm -
10 Pcs/Plastic Box
59S/T27
1/4" Hex Universal Magnetic Bit
Holder with Quick Release 60 mm -
1 Unit/Plastic Holder
KM653-QR-1P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com