Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV02502 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV02502
Description  Lead 21 Pin to 21 Pin Scart Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV02502 Datasheet(HTML) 1 Page - Pro-Signal

  AV02502 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
14/09/12
Lead
21 Pin to 21 Pin Scart Plug
Specifications:
Connector Type A
: SCART Plug
Connector Type B
: SCART Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 32.81ft
Cable Length
: 10m
Jacket Colour
: Black
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lead, Scart Plug to Plug, 10M
AV02502
Part Number Table


Similar Part No. - AV02502

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV02501 PROSIGNAL-AV02501 Datasheet
493Kb / 1P
Lead 21 - 21 Pin Scart Plug
12/09/12 V1.0
logo
Schneider Electric
AV025046CV5F1N SCHNEIDER-AV025046CV5F1N Datasheet
85Kb / 2P
VarSet Automatic Standard - Lugs (6000s) 0250 kVar, 480 V - Top - NEMA 1
logo
Pro-Signal
AV02509 PROSIGNAL-AV02509 Datasheet
214Kb / 1P
Lead 21 Pin Scart Plug Switch to 3 × RCA Plugs
12/09/12 V1.0
More results

Similar Description - AV02502

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7155M SANYO-LA7155M Datasheet
147Kb / 7P
Audio Switch for PAL 21 Pin Connectors
logo
Winchester Electronics ...
210-350-0001G WINCHESTER-210-350-0001G Datasheet
68Kb / 1P
RDM 21 Series Plug
210-351-0001G WINCHESTER-210-351-0001G Datasheet
65Kb / 1P
RDM 21 Series Plug
logo
PHOENIX CONTACT
2892533 PHOENIX-2892533 Datasheet
111Kb / 5P
ST-REL7-KG120/21-21
2961202 PHOENIX-2961202 Datasheet
218Kb / 6P
REL-MR-110DC/21-21
2961257 PHOENIX-2961257 Datasheet
214Kb / 6P
REL-MR- 12DC/21-21
2961435 PHOENIX-2961435 Datasheet
215Kb / 6P
REL-MR- 24AC/21-21
2961448 PHOENIX-2961448 Datasheet
215Kb / 6P
REL-MR-120AC/21-21
1945287 PHOENIX-1945287 Datasheet
63Kb / 4P
Pin strip - PST 1,0/21-3,5
logo
Omnetics Connector Corp...
A40838-021 OMNETICS-A40838-021 Datasheet
512Kb / 1P
(21) PIN MALE/FEMALE Bi-Lobe® CONNECTOR SAVER
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com