Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7155M Datasheet (PDF) - Sanyo Semicon Device

LA7155M Datasheet PDF - Sanyo Semicon Device
Part # LA7155M
Download  LA7155M Download
File Size   147.51 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio Switch for PAL 21 Pin Connectors

LA7155M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7155M Datasheet PDF - Sanyo Semicon Device

Part # LA7155M
Download  LA7155M Click to download

File Size   147.51 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio Switch for PAL 21 Pin Connectors

LA7155M Datasheet (HTML) - Sanyo Semicon Device


LA7155M Product details

Overview
The LA7155M is an audio switch of a stereophonic system for PAL 21 pin connectors.

Features
• ±5V power supply.
• Smaller size allowing for saving space.
• Low distortion factor.

Functions
• 4 audio switch circuits of 2 inputs and 1 output.
• 2 audio switch circuits of 3 inputs and 1 output.
• 2 audio amplifying circuits of 2dB.
• 2 audio amplifying circuits of 12dB.




Similar Part No. - LA7155M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
Audio/Video Switch for PAL System VCR
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
Audio/Video Switch for VCR Video Camera Use
LA7151M SANYO-LA7151M Datasheet
102Kb / 6P
Audio/Video Switch for VCR Video Camera Use
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
Video/audio signal processor for VHS VCRs
More results


Similar Description - LA7155M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
Audio/Video Switch for PAL System VCR
LA7156 SANYO-LA7156 Datasheet
164Kb / 8P
Video and Audio Switch for PAL-SECAM 21-Pin Interface
logo
Maxim Integrated Produc...
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
logo
Sanyo Semicon Device
LA7223 SANYO-LA7223 Datasheet
262Kb / 6P
AUDIO / VIDEO SWITCH FOR PAL VCR USE
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
logo
Rohm
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
NTSC-PAL Audio I/O Interface for Recording
logo
Maxim Integrated Produc...
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com