Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS662-02 Datasheet (PDF) - Integrated Circuit Systems

ICS662-02 Datasheet PDF - Integrated Circuit Systems
Part # ICS662-02
Download  ICS662-02 Download
File Size   95.35 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description NTSC/PAL AUDIO CLOCK

ICS662-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS662-02 Datasheet PDF - Integrated Circuit Systems

Part # ICS662-02
Download  ICS662-02 Click to download

File Size   95.35 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description NTSC/PAL AUDIO CLOCK

ICS662-02 Datasheet (HTML) - Integrated Circuit Systems


ICS662-02 Product details

Description
The ICS662-02 is a low cost, low jitter, high performance PLL clock synthesizer designed to replace oscillators and PLL circuits in set-top box and multimedia systems. Using ICS’ patented analog Phase Locked Loop (PLL) techniques, the device uses a NTSC/PAL reference clock input to produce a selectable audio clock.
ICS manufactures the largest variety of Set-Top Box and multimedia clock synthesizers for all applications. Consult ICS to eliminate VCXOs, crystals and oscillators from your board.

Features
• Packaged in 8 pin SOIC
• Locks to NTSC and PAL colorburst frequencies (4x)
• Audio sampling rate outputs
• Low synthesis error in all clocks
• All frequencies are frequency locked
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V




Similar Part No. - ICS662-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS662-03 ETC-ICS662-03 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
More results


Similar Description - ICS662-02

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
PAL/NTSC decoder
February 1994
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
PAL/NTSC encoder
April 1993
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
NTSC/PAL Clock Source
Revision 061401
logo
Micro Linear Corporatio...
ML6430 MICRO-LINEAR-ML6430 Datasheet
384Kb / 33P
Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
NTSC/PAL Decoder
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
NTSC/PAL Encoder
September 2003
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
NTSC/PAL Encoder
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
NTSC/PAL Clock Source
092104
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com