Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2712 Datasheet (PDF) - Renesas Technology Corp

MK2712 Datasheet PDF - Renesas Technology Corp
Part # MK2712
Download  MK2712 Download
File Size   237.58 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NTSC/PAL Clock Source

MK2712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2712 Datasheet PDF - Renesas Technology Corp

Part # MK2712
Download  MK2712 Click to download

File Size   237.58 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NTSC/PAL Clock Source

MK2712 Datasheet (HTML) - Renesas Technology Corp


MK2712 Product details

Features
• Packaged in 8 pin SOIC
• Ideal for chips such as Analog Devices AD722
and Brooktree BT819
• Input clock frequency of 27.0000 MHz
• Power down turns off chip
• Output enable tri-states output for system testing
• Frequencies are within 1 ppm with accurate
input clock
• Low jitter
• Output clock frequencies of 14.31818MHz,
17.7345MHz, 28.6364MHz, or 35.46896MHz
• 25mA drive capability at TTL levels
• 3.3V or 5V supply voltage
• Advanced, low power CMOS process
• Insensitive to input clock duty cycle




Similar Part No. - MK2712

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
NTSC/PAL Clock Source
Revision 061401
MK2712S ICST-MK2712S Datasheet
56Kb / 4P
NTSC/PAL Clock Source
Revision 061401
MK2712STR ICST-MK2712STR Datasheet
56Kb / 4P
NTSC/PAL Clock Source
Revision 061401
More results


Similar Description - MK2712

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
PAL/NTSC decoder
February 1994
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
PAL/NTSC encoder
April 1993
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
NTSC/PAL Clock Source
Revision 061401
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
NTSC/PAL Decoder
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
NTSC/PAL Encoder
September 2003
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
NTSC/PAL Encoder
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com