Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2712 Datasheet (PDF) - Integrated Circuit Systems

MK2712 Datasheet PDF - Integrated Circuit Systems
Part # MK2712
Download  MK2712 Download
File Size   56.63 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description NTSC/PAL Clock Source

MK2712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2712 Datasheet PDF - Integrated Circuit Systems

Part # MK2712
Download  MK2712 Click to download

File Size   56.63 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description NTSC/PAL Clock Source

MK2712 Datasheet (HTML) - Integrated Circuit Systems


MK2712 Product details

Description
The MK2712 is the ideal way to generate clocks for NTSC/PAL video encoders and decoders. Stored in the device are two sets of popular frequencies for NTSC and PAL. In an 8 pin SOIC, the chip can save component count, board space, and cost over surface mount crystals and oscillators, and increase reliability by eliminating one or two mechanical devices from the board. The power down pin turns off the device, drawing less than 20µA.

Features
• Packaged in 8 pin SOIC
• Ideal for chips such as Analog Devices AD722 and Brooktree BT819
• Input clock frequency of 27.0000 MHz
• Power down turns off chip
• Output enable tri-states output for system testing
• Frequencies are within 1 ppm with accurate input clock
• Low jitter
• Output clock frequencies of 14.31818MHz, 17.7345MHz, 28.6364MHz, or 35.46896MHz
• 25mA drive capability at TTL levels
• 3.3V or 5V supply voltage
• Advanced, low power CMOS process
• Insensitive to input clock duty cycle




Similar Part No. - MK2712

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
NTSC/PAL Clock Source
092104
MK2712S RENESAS-MK2712S Datasheet
237Kb / 5P
NTSC/PAL Clock Source
092104
MK2712STR RENESAS-MK2712STR Datasheet
237Kb / 5P
NTSC/PAL Clock Source
092104
More results


Similar Description - MK2712

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
PAL/NTSC decoder
February 1994
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
PAL/NTSC encoder
April 1993
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
NTSC/PAL Decoder
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
NTSC/PAL Encoder
September 2003
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
NTSC/PAL Encoder
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
NTSC/PAL Clock Source
092104
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com