Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7151 Datasheet (PDF) - Sanyo Semicon Device

LA7151 Datasheet PDF - Sanyo Semicon Device
Part # LA7151
Download  LA7151 Download
File Size   102.35 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio/Video Switch for VCR Video Camera Use

LA7151 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7151 Datasheet PDF - Sanyo Semicon Device

Part # LA7151
Download  LA7151 Click to download

File Size   102.35 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio/Video Switch for VCR Video Camera Use

LA7151 Datasheet (HTML) - Sanyo Semicon Device


LA7151 Product details

Overview
The LA7151 and LA7151M are high-performance, dual-channel audio / video switches designed for video camera applications.
The LA7151 and LA7151M have a wide bandwidth, low supply current and a large dynamic range, making them ideal for low-power or battery operated equipment.
The LA7151 and LA7151M operate from a 4.5 to 12.5V supply and are available in 12-pin SIPs and 10-pin MFPs, respectively.

Features
• Two, separately controllable switch circuits.
• 50kΩ input impedance.
• Low supply current.
• Large dynamic range.
• Wide bandwidth.
• 4.5 to 12.5V supply voltage.
• 12-pin SIP (LA7151) and 10-pin MFP (LA7151M).




Similar Part No. - LA7151

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
Audio/Video Switch for PAL System VCR
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
Video/audio signal processor for VHS VCRs
LA7155M SANYO-LA7155M Datasheet
147Kb / 7P
Audio Switch for PAL 21 Pin Connectors
LA7156 SANYO-LA7156 Datasheet
164Kb / 8P
Video and Audio Switch for PAL-SECAM 21-Pin Interface
More results


Similar Description - LA7151

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
Audio/Video Switch for PAL System VCR
LA7220 SANYO-LA7220 Datasheet
82Kb / 6P
Electronic Switch for VCR/Audio Use
LA7951 SANYO-LA7951 Datasheet
93Kb / 4P
Video Switch for TV/VCR Use
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
Video Switch for TV/VCR Use
LA7954 SANYO-LA7954 Datasheet
72Kb / 4P
Video Switch for TV/VCR Use
LA7955 SANYO-LA7955 Datasheet
147Kb / 6P
Video Switch for TV/VCR Use
LA7956 SANYO-LA7956 Datasheet
86Kb / 4P
Video Switch for TV/VCR Use
LA7957 SANYO-LA7957 Datasheet
102Kb / 5P
Video Switch for TV/VCR Use
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Sanyo Semicon Device
LA7223 SANYO-LA7223 Datasheet
262Kb / 6P
AUDIO / VIDEO SWITCH FOR PAL VCR USE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com