Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7156 Datasheet (PDF) - Sanyo Semicon Device

LA7156 Datasheet PDF - Sanyo Semicon Device
Part # LA7156
Download  LA7156 Download
File Size   164.57 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Video and Audio Switch for PAL-SECAM 21-Pin Interface

LA7156 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7156 Datasheet PDF - Sanyo Semicon Device

Part # LA7156
Download  LA7156 Click to download

File Size   164.57 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Video and Audio Switch for PAL-SECAM 21-Pin Interface

LA7156 Datasheet (HTML) - Sanyo Semicon Device


LA7156 Product details

Overview
The LA7156 is a switching IC for use with the PAL and SECAM 21-pin connector interface. The LA7156 integrates video and audio switches in a single chip, and allows significant block reorganization and integration by providing function switching outputs with current limiters, 75 Ω video drivers, muting and other functions. The LA7156 provides a diverse set of functions, including support for single-wire serial bus control that allows complex logic to be handled by microprocessor software.
   
Functions and Features
• Three audio and three video switching systems
• Audio output and video decoder output muting function
• Video input sync chip clamp
• Two 6 dB video amplifier plus 75 Ω driver systems
• VPS decoder output
• FSS output with current limiting
• 5 V regulator built-in
• Serial control
   




Similar Part No. - LA7156

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
Audio/Video Switch for PAL System VCR
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
Audio/Video Switch for VCR Video Camera Use
LA7151M SANYO-LA7151M Datasheet
102Kb / 6P
Audio/Video Switch for VCR Video Camera Use
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
Video/audio signal processor for VHS VCRs
More results


Similar Description - LA7156

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7150 SANYO-LA7150 Datasheet
175Kb / 4P
Audio/Video Switch for PAL System VCR
LA7155M SANYO-LA7155M Datasheet
147Kb / 7P
Audio Switch for PAL 21 Pin Connectors
LA7223 SANYO-LA7223 Datasheet
262Kb / 6P
AUDIO / VIDEO SWITCH FOR PAL VCR USE
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
NTSC/PAL/SECAM Digital Video Decoder
logo
NXP Semiconductors
TDA3755 PHILIPS-TDA3755 Datasheet
98Kb / 12P
PAL/NTSC/SECAM synchronization processor for video recorders
June 1986
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
NTSC/PAL/SECAM Video Encoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
NTSC/PAL/SECAM Digital Video Decoder
logo
Synaptics Incorporated.
CX25834 CONEXANT-CX25834 Datasheet
730Kb / 4P
Supports NTSC/PAL/SECAM video input
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com