Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV12589 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV12589
Description  Stereo Earphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV12589 Datasheet(HTML) 1 Page - Pro-Signal

  AV12589 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
13/12/12
Stereo Earphone
Specifications
Lead Length
: 1.2m
Power Rating
: 3mW
Weight
: 15g
Drive Unit Type
: -000
Percent Total Harmonic Distortion
: 5%
Frequency Response Min
: 20Hz
Frequency Response Max
: 18kHz
Impedance
: 16Ω
Connector Type
: 90° 3.5mm Stereo Plug
Drive Unit Dia
: 15mm
Sensitivity
: 110dB ± 4dB
Sound Level SPL
: 112dB
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Earphones, Stereo
AV12589


Similar Part No. - AV12589

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV12502 PROSIGNAL-AV12502 Datasheet
210Kb / 1P
Lead
V1.0 13/12/12
AV12539 PROSIGNAL-AV12539 Datasheet
49Kb / 2P
Audio/Video
16/05/08 V1.0
AV12540 PROSIGNAL-AV12540 Datasheet
49Kb / 2P
Audio/Video
16/05/08 V1.0
AV12541 PROSIGNAL-AV12541 Datasheet
212Kb / 1P
Scart Adaptor
V1.0 13/12/12
AV12544 PROSIGNAL-AV12544 Datasheet
33Kb / 1P
Auto Scart Switches
More results

Similar Description - AV12589

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V737 HOLTEK-HT82V737 Datasheet
97Kb / 8P
16-Bit Stereo Audio D/A Converter with Earphone Driver
November 26, 2003
logo
Adam Technologies, Inc.
ASJ13 ADAM-TECH-ASJ13 Datasheet
156Kb / 1P
2.6mm & 3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
ASJ-1 ADAM-TECH-ASJ-1 Datasheet
241Kb / 3P
3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
AUDIO PCB 3.5mm EARPHONE JACK
logo
SUYIN USA, INC.
010110FB SUYIN-USA-010110FB Datasheet
136Kb / 1P
2.5mm EARPHONE JACK S.M.D TYPE
logo
Yamaichi Electronics Co...
AJ406-3-SMT YAMAICHI-AJ406-3-SMT Datasheet
160Kb / 3P
SMT Earphone Jacks (∅2.5mm)
LJE0252-B YAMAICHI-LJE0252-B Datasheet
242Kb / 4P
TH Earphone Jacks (∅2.5mm)
logo
Adam Technologies, Inc.
RCA-122-3-P3NK ADAM-TECH-RCA-122-3-P3NK Datasheet
71Kb / 1P
EARPHONE JACK
logo
Texas Instruments
TLV320AIC1110 TI1-TLV320AIC1110_15 Datasheet
1,022Kb / 40P
Differential Earphone Outputs and One Single-Ended Earphone Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com