Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V737 Datasheet (PDF) - Holtek Semiconductor Inc

HT82V737 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V737
Download  HT82V737 Download
File Size   97.51 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 16-Bit Stereo Audio D/A Converter with Earphone Driver

HT82V737 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V737 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V737
Download  HT82V737 Click to download

File Size   97.51 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 16-Bit Stereo Audio D/A Converter with Earphone Driver

HT82V737 Datasheet (HTML) - Holtek Semiconductor Inc


HT82V737 Product details

General Description
HT82V737 is a low power consumption stereo DAC with an integrated earphone driver. The device utilizes CMOS technology specially for portable MP3 players, VCD and CD machines.

Features
• Wide supply voltage range: 2.4V~5.5V
• Low power consumption
• 16-bit dynamic range
• Low total harmonic distortion
• Stereo audio outputs
• Data in 2s complement format, TTL
• Minimum number of external components is required
• Low clock jitter sensitivity
• Built-in highly efficient earphone driver
• 16-pin NSOP package

Applications
• MP3 player
• CD/VCD ROM and player
• Satellite/cable STB
• Digital portable audio/video equipment




Similar Part No. - HT82V737

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
Audio D/A Converter
October 29, 2002
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
60mA Audio Power Amp
October 29, 2002
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
240mA Audio Power Amp
January 6, 2003
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
More results


Similar Description - HT82V737

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
16-bit stereo D / A converter for audio applications
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
logo
Unisonic Technologies
M1725 UTC-M1725 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Cirrus Logic
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com