Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JR9101-2M-ROHS Datasheet(PDF) 1 Page - Pro-Signal

Part # JR9101-2M-ROHS
Description  Lead XLR Socket to Plug, 2m
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

JR9101-2M-ROHS Datasheet(HTML) 1 Page - Pro-Signal

  JR9101-2M-ROHS Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
25/09/12
Lead
XLR Socket to Plug, 2m
Specifications:
Connector Type A
: XLR Socket
Connector Type B
: XLR Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial
: 6.56ft
Cable Length - Metric
: 2m
Jacket Colour
: Black
Colour
: Nickel
No. of Poles
: 3
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Lead, XLR Socket to Plug, 2m
JR9101-2M-ROHS


Similar Part No. - JR9101-2M-ROHS

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
JR9106-2M MULTICOMP-JR9106-2M Datasheet
135Kb / 1P
Stereo Plug
V1.0 07/09/12
JR9106-6M MULTICOMP-JR9106-6M Datasheet
135Kb / 1P
Stereo Plug
V1.0 07/09/12
More results

Similar Description - JR9101-2M-ROHS

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
6358 POMONA-6358 Datasheet
48Kb / 1P
Test Lead, Straight DMM Plug To Retractable Plug
logo
Switchcraft, Inc.
DB25M10XLRF SWITCH-DB25M10XLRF Datasheet
336Kb / 2P
DB25M TO 8 FEMALE XLR, RoHS
logo
Neutrik AG
NA2FBNC NEUTRIK-NA2FBNC Datasheet
50Kb / 2P
3 pole XLR female ??BNC socket
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA2MBNC NEUTRIK-NA2MBNC Datasheet
52Kb / 2P
3 pole XLR male ??BNC socket
NA2MPMF NEUTRIK-NA2MPMF Datasheet
51Kb / 2P
3 pole XLR male ??RCA / Phono socket
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com