Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JR9501-2M Datasheet(PDF) 1 Page - Pro-Signal

Part # JR9501-2M
Description  Lead S-VHS Plug to Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

JR9501-2M Datasheet(HTML) 1 Page - Pro-Signal

  JR9501-2M Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
17/09/12
Lead
S-VHS Plug to Plug
Dimensions : Millimetres
Description:
Digital fully shielded high definition PC-OFC interconnect cable for home theatre
and digital stereo Hi-Fi systems.
Specifications:
Connector Type A
: 4 Way Mini DIN Plug
Connector Type B
: 4 Way Mini DIN Plug
Cable Assembly Type
: Audio / Video
Cable Length - Imperial : 6.56ft
Cable Length - Metric
: 2m
Colour
: Black and Silver
No. of Poles
: 4
Part Number Table
Description
Part Number
Lead, HQ S-VHS Plug to Plug, 2M
JR9501-2M
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Cable word:
Digital fully shielded high definition PC-OFC interconnect cable for home theatre and digital stereo Hi-Fi systems.


Similar Part No. - JR9501-2M

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
JR9501 PROSIGNAL-JR9501 Datasheet
395Kb / 1P
Lead HQ S-VHS Plug to Plug
V1.0 12/09/12
JR9501/1M PROSIGNAL-JR9501/1M Datasheet
395Kb / 1P
Lead HQ S-VHS Plug to Plug
V1.0 12/09/12
JR9501/3M PROSIGNAL-JR9501/3M Datasheet
395Kb / 1P
Lead HQ S-VHS Plug to Plug
V1.0 12/09/12
JR9501/5M PROSIGNAL-JR9501/5M Datasheet
395Kb / 1P
Lead HQ S-VHS Plug to Plug
V1.0 12/09/12
More results

Similar Description - JR9501-2M

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
6358 POMONA-6358 Datasheet
48Kb / 1P
Test Lead, Straight DMM Plug To Retractable Plug
logo
Pasternack Enterprises,...
PE3117LF PASTERNACK-PE3117LF Datasheet
120Kb / 1P
CABLE ASSEMBLY RG214/U SHV PLUG TO SHC PLUG(LEAD FREE)
PE33154LF PASTERNACK-PE33154LF Datasheet
281Kb / 1P
CABLE ASSEMBLY RG188-DS SMC PLUG TO SMC PLUG(LEAD FREE)
PE3883LF PASTERNACK-PE3883LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG174A/U SMC PLUG TO SMC PLUG(LEAD FREE)
PE3297LF PASTERNACK-PE3297LF Datasheet
157Kb / 1P
CABLE ASSEMBLY RG316/U MCX PLUG TO MCX PLUG TO MCX PLUG(LEAD FREE SOLDER)
PE3992LF PASTERNACK-PE3992LF Datasheet
282Kb / 1P
CABLE ASSEMBLY RG223/U SHV PLUG TO SHV PLUG(LEAD FREE)
logo
Assmann Electronics Inc...
AK-AV506-R ASSMANN-AK-AV506-R Datasheet
246Kb / 1P
High Quality S-VHS Connection Cable, 4-Pin S-VHS Male to 4-Pin S-VHS Male
AK-AV507 ASSMANN-AK-AV507 Datasheet
74Kb / 1P
S-VHS Connection cable
logo
Pasternack Enterprises,...
PE35953LF PASTERNACK-PE35953LF Datasheet
277Kb / 1P
CABLE ASSEMBLY, RG58C/U, FME PLUG TO FME PLUG(LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com