Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA12B5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SA12B5
Description  SCHOTTKY ARRAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA12B5 Datasheet(HTML) 3 Page - STMicroelectronics

  SA12B5 Datasheet HTML 1Page - STMicroelectronics SA12B5 Datasheet HTML 2Page - STMicroelectronics SA12B5 Datasheet HTML 3Page - STMicroelectronics SA12B5 Datasheet HTML 4Page - STMicroelectronics SA12B5 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1E-4
1E-3
1E-2
1E-1
1E+0
Ipp(A)
Tj=25
°C
Tj=85
°C
tp=2.5
µs
Tj=-40
°C
Vcl(V)
Fig1-1: Clamping forward voltage versus peak
pulse current (typical values, low level).
0
25
50
75
100
125
1E-2
1E-1
1E+0
1E+1
1E+2
Tj(
°C)
IR(
µA)
VR=7.5V
Fig 2: Leakage current versus junction tempera-
ture (typical values).
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IFSM[Tj] / IFSM[Tj=25
°C]
Tj(
°C)
Fig 4: Non repetitive surge peak forward current
versus initial junction temperature.
0
1234567
0.1
1.0
5.0
Ipp(A)
Tj=25
°C
tp=2.5
µs
Vcl(V)
Fig1-2: Clamping forward voltage versus peak
pulse current (typical values, high level).
1
10
100
1000
1
2
5
10
tp(
µs)
IFSM(A)
Tj initial =25
°C
Fig 3: Non repetitive surge peak forward current
versus pulse duration (rectangular waveform).
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
16
18
20
22
24
26
28
30
Vi/o-gnd(V)
Ci/o(pF)
Vcc=5V
F=1MHz
Vosc=30mV
Fig 5: Capacitance between input or output and
ground versus applied voltage (typical values).
SA12B5 / SA16B3 / SA16B6
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com