Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA12B5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SA12B5
Description  SCHOTTKY ARRAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA12B5 Datasheet(HTML) 5 Page - STMicroelectronics

  SA12B5 Datasheet HTML 1Page - STMicroelectronics SA12B5 Datasheet HTML 2Page - STMicroelectronics SA12B5 Datasheet HTML 3Page - STMicroelectronics SA12B5 Datasheet HTML 4Page - STMicroelectronics SA12B5 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
SO-20
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
2.35
2.65 0.092
0.104
A1
0.10
0.20 0.004
0.008
B
0.33
0.51 0.013
0.020
C
0.23
0.32 0.009
0.013
D
12.6
13.0 0.484
0.512
E
7.40
7.60 0.291
0.299
e
1.27
0.050
H
10.0
10.65 0.394
0.419
h
0.25
0.75 0.010
0.029
L
0.50
1.27 0.020
0.050
K8
° (max)
SSOP20
L
b1
a1
E
S
b
e
A
a2
11
10
1
20
D
F
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.00
0.079
A1
0.25
0.010
A2
1.51
2.00 0.059
0.079
b
0.25
0.30
0.35 0.010 0.012 0.014
c
0.10
0.35 0.004
0.014
D
7.05
8.05 0.278
0.317
E
7.60
8.70 0.299
0.343
E1
5.02
6.10
6.22 0.198 0.240 0.245
e
0.65
0.026
k0
°
10
°
0
°
10
°
L
0.25
0.50
0.80 0.010 0.020 0.031
Weight : 0.520g
Weight : 0.180g
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringementof patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all informationprevious ly supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
SA12B5 / SA16B3 / SA16B6
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com