Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB05F2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF02-USB05F2
Description  2 line EMF filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB05F2 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF02-USB05F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF02-USB05F2
6/7
Note:
More packing information is available in the application notes
AN1235: “Flip-Chip: Package description and recommendations for use”
AN1751: “EMI Filters: Recommendations and measurements”
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
4
Ordering information
5
Revision history
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF02-USB05F2
GV
Flip-Chip
2.7 mg
5000
Tape and reel 7”
Date
Revision
Changes
14-Mar-2005
1
Initial release.
13-Nov-2006
2
Reformatted to current standards. Modified functional diagram on
page 1 to show connections. Updated Aplac model information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com