Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF02-USB05F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-USB05F2
Description  2 line EMF filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB05F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-USB05F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB05F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
EMIF02-USB05F2
4/7
Figure 6.
Aplac model device structure
Figure 7.
Aplac model parameters
2
Ordering information scheme
=D1
R1
R3
B1
=D1
A2
=D1
=D1
A1
R2
D1
C1
=D1
B2
=D2
=D1
D2
=D1
C2
Lgn d
Rgn d
Cgn d
Rbump
Rbump
Rbump
Rbump
Rbump
Rbump
Rbump
Lbump
Lbump
Lbump
Lbump
Lbump
Lbump
Lbump
Rbump Lbump
bulk
bulk
bulk
bulk
bulk
bulk
bulk
bulk
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
aplacvar R1 33
aplacvar R2 33
aplacvar R3 1.5k
aplacvar Cz_D1 15pF
aplacvar Rs_D1 1
aplacvar Cz_D2 300pF
aplacvar Rs_D2 0.3
aplacvar Lgnd 100pH
aplacvar Rgnd 100m
aplacvar Cgnd 0.4pF
aplacvar Lbump 50pH
aplacvar Rbump 20m
Diode D2
BV=7
IBV=1m
CJO=Cz_d2
M=0.3333
RS=Rs_d2
VJ=0.6
TT=100n
Diode D1
BV=7
IBV=1m
CJO=Cz_d1
M=0.3333
RS=Rs_d1
VJ=0.6
TT=100n
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
3 letters = application
2 digits = version
F = Flip-Chip
x
= 2: Leadfree Pitch = 500 µm, Bump = 315 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com