Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5956PD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5956PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956PD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5956PD Datasheet HTML 3Page - STMicroelectronics L5956PD Datasheet HTML 4Page - STMicroelectronics L5956PD Datasheet HTML 5Page - STMicroelectronics L5956PD Datasheet HTML 6Page - STMicroelectronics L5956PD Datasheet HTML 7Page - STMicroelectronics L5956PD Datasheet HTML 8Page - STMicroelectronics L5956PD Datasheet HTML 9Page - STMicroelectronics L5956PD Datasheet HTML 10Page - STMicroelectronics L5956PD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L5956
Electrical specifications
7/16
Load dump
Vin2
Battery overvoltage
Vin2
18
20
22
V
REGULATOR 1
Vo (REG 1)
Output voltage 8.5V
8
8.5
9
V
ΔV
Line regulation
Vin1 = 10 to 18V; I = 500mA
50
mV
ΔV
Line regulation
Vin1 = 9.3 to 18V; I = 10mA
50
mV
ΔVi
Load regulation
Ireg1 = 1 to 500mA
100
mV
Iq
Quiescent current
Ireg1 = 10mA
5
mA
PSRR
Supply voltage ripple rejection
f = 1KHz; Vin1 = 1.5Vpp;
Io = 500mA
50
dB
Vdrop
Drop out voltage
Ireg1 = 500mA (1)
0.6
V
Im
Current limit
Rshort = 0.5Ω
0.6
1.2
A
REGULATOR 2
Vo (ST BY)
Output voltage 5V
4.75
5
5.25
V
ΔV
Line regulation
Vin1 = 7 to 18V; I = 300mA
50
mV
ΔV
Line regulation
Vin1 = 6 to 18V; I = 10mA
50
mV
ΔVi
Load regulation
Ireg2 = 1 to 300mA
100
mV
Iq
Quiescent current
Ireg2 = 10mA
3
mA
PSRR
Supply voltage ripple rejection
f = 1KHz; Vin1 = 1.5Vpp;
Io = 300mA
50
dB
Vdrop
Drop out voltage
Ireg2 = 300mA (1)
1.5
V
Vdrop
Drop out voltage
Ireg2 = 100mA (1)
0.6
V
Im
Current limit
Rshort = 0.5Ω
400
800
mA
REGULATOR 3
Vo (REG 3)
Output voltage 5V
4.75
5
5.25
V
ΔV
Line regulation
Vin2 = 7 to 18V; I = 800mA
50
mV
ΔV
Line regulation
Vin2 = 6 to 18V; I = 10mA
50
mV
ΔVi
Load regulation
Ireg3 = 1 to 800mA
100
mV
Iq
Quiescent current
Ireg3 = 10mA
5
mA
PSRR
Supply voltage ripple rejection
f = 1KHz; Vin1 = 1.5Vpp;
Io = 800mA
50
dB
Vdrop
Drop out voltage
Ireg3 = 800mA (1)
1.5
V
Im
Current limit
Rshort = 0.5Ω
12
A
Table 4.
Electrical characteristics (continued)
(VS = 14.4V; Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com