Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5956PD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5956PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956PD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5956PD Datasheet HTML 7Page - STMicroelectronics L5956PD Datasheet HTML 8Page - STMicroelectronics L5956PD Datasheet HTML 9Page - STMicroelectronics L5956PD Datasheet HTML 10Page - STMicroelectronics L5956PD Datasheet HTML 11Page - STMicroelectronics L5956PD Datasheet HTML 12Page - STMicroelectronics L5956PD Datasheet HTML 13Page - STMicroelectronics L5956PD Datasheet HTML 14Page - STMicroelectronics L5956PD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L5956
Timing diagrams
11/16
Figure 6.
Hold and thermal protection
Figure 7.
Ignition buffer diagram
Figure 8.
Protection of the power switch
9
18
22
VIN1
5V
5V
EN1-3
8.5V
HOLD
TEMPERATURE
PROTECTION
5V
5
REG2(5V)
REG1(8.5V)
3.3V
REG4(3.3V)
REG3(5V)
EN4
DUMP
9.5V
8.5V
5V
ON
T
≅160
D02AU1423A
3.3V
1.17V
1.27V
50V
IGNITION
INPUT
14V
IGNITION
OUTPUT
VIN1
LOAD DUMP
D02AU1424
16V
ISW
VSW
1.5A
3A
NOT
DELAYED
DELAYED
IN CASE
VIN1 <16V
D02AU1425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com