Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW302. Datasheet(PDF) 33 Page - Siemens Semiconductor Group

Part # 3RW302.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW302. Datasheet(HTML) 33 Page - Siemens Semiconductor Group

Back Button 3RW302. Datasheet HTML 29Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 30Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 31Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 32Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 33Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 34Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 35Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 36Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 37Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Please observe the configuration notes and boundary conditions on page 14 and 15!
9
SIRIUS 3RW44 for heavy-duty starting (CLASS 20)
in standard circuit
Rated
Rated
Rated power of three-phase
Rated
Rated power of three-phase
Order No.
operating
operating motors with rated operating
operating
motors with rated operating
voltage
current
voltage
current
voltage
Ue
Ie
Ue
Ie
Ue
Ambient temperature 40 °C
Ambient temperature 50 °C
230 V
400 V
500 V
690 V
200 V
230 V
460 V
575 V
V
A
kW
kW
kW
kW
A
hp
hp
hp
hp
200 ... 460
29
5.5
15
–
–
26
7.5
7.5
15
–
3RW44 22-PBCP4
36
7.5
18.5
–
–
32
10
10
20
–
3RW44 23-PBCP4
47
11
22
–
–
42
10
15
25
–
3RW44 24-PBCP4
57
15
30
–
–
51
15
15
30
–
3RW44 25-PBCP4
77
18.5
37
–
–
68
20
20
50
–
3RW44 27-PBCP4
400 ... 600
29
–
15
18.5
–
26
––15
20
3RW44 22-PBCP5
36
–
18.5
22
–
32
––20
25
3RW44 23-PBCP5
47
–
22
30
–
42
––25
30
3RW44 24-PBCP5
57
–
30
37
–
51
––30
40
3RW44 25-PBCP5
77
–
37
45
–
68
––50
50
3RW44 27-PBCP5
400 ... 690
29
–
15
18.5
30
26
––15
20
3RW44 22-PBCP6
36
–
18.5
22
37
32
––20
25
3RW44 23-PBCP6
47
–
22
30
45
42
––25
30
3RW44 24-PBCP6
57
–
30
37
55
51
––30
40
3RW44 25-PBCP6
77
–
37
45
75
68
––50
50
3RW44 27-PBCP6
Order No. supplement for connection type
Screw-type terminals
1
Spring-loaded terminals
3
200 ... 460
93
22
45
–
–
82
25
25
60
–
3RW44 34-PBCP4
113
30
55
–
–
100
30
30
75
–
3RW44 35-PBCP4
134
37
75
–
–
117
30
40
75
–
3RW44 36-PBCP4
162
45
90
–
–
145
40
50
100
–
3RW44 43-PBCP4
203
55
110
–
–
180
50
60
125
–
3RW44 45-PBCP4
250
75
132
–
–
215
60
75
150
–
3RW44 46-PBCP4
313
90
160
–
–
280
75
100
200
–
3RW44 47-PBCP4
356
110
200
–
–
315
100
125
250
–
3RW44 47-PBCP4
432
132
250
–
–
385
125
150
300
–
3RW44 53-PBCP4
551
160
315
–
–
494
150
200
400
–
3RW44 53-PBCP4
615
200
355
–
–
551
150
200
450
–
3RW44 55-PBCP4
693
200
400
–
–
615
200
250
500
–
3RW44 57-PBCP4
780
250
450
–
–
693
200
250
600
–
3RW44 65-PBCP4
880
250
500
–
–
780
250
300
700
–
3RW44 65-PBCP4
970
315
560
–
–
850
300
350
750
–
3RW44 65-PBCP4
400 ... 600
93
–
45
55
–
82
––60
75
3RW44 34-PBCP5
113
–
55
75
–
100
–
–
75
75
3RW44 35-PBCP5
134
–
75
90
–
117
–
–
75
100
3RW44 36-PBCP5
162
–
90
110
–
145
–
–
100
125
3RW44 43-PBCP5
203
–
110
132
–
180
–
–
125
150
3RW44 45-PBCP5
250
–
132
160
–
215
–
–
150
200
3RW44 46-PBCP5
313
–
160
200
–
280
–
–
200
250
3RW44 47-PBCP5
356
–
200
250
–
315
–
–
250
300
3RW44 47-PBCP5
432
–
250
315
–
385
–
–
300
400
3RW44 53-PBCP5
551
–
315
355
–
494
–
–
400
500
3RW44 53-PBCP5
615
–
355
400
–
551
–
–
450
600
3RW44 54-PBCP5
693
–
400
500
–
615
–
–
500
700
3RW44 57-PBCP5
780
–
450
560
–
693
–
–
600
750
3RW44 65-PBCP5
880
–
500
630
–
780
–
–
700
850
3RW44 65-PBCP5
970
–
560
710
–
850
–
–
750
900
3RW44 65-PBCP5
400 ... 690
93
–
45
55
90
82
––60
75
3RW44 34-PBCP6
113
–
55
75
110
100
–
–
75
75
3RW44 35-PBCP6
134
–
75
90
132
117
–
–
75
100
3RW44 36-PBCP6
162
–
90
110
160
145
–
–
100
125
3RW44 43-PBCP6
203
–
110
132
200
180
–
–
125
150
3RW44 45-PBCP6
250
–
132
160
250
215
–
–
150
200
3RW44 46-PBCP6
313
–
160
200
315
280
–
–
200
250
3RW44 47-PBCP6
356
–
200
250
355
315
–
–
250
300
3RW44 47-PBCP6
432
–
250
315
400
385
–
–
300
400
3RW44 53-PBCP6
551
–
315
355
560
494
–
–
400
500
3RW44 53-PBCP6
615
–
355
400
630
551
–
–
450
600
3RW44 55-PBCP6
693
–
400
500
710
615
–
–
500
700
3RW44 57-PBCP6
780
–
450
560
800
693
–
–
600
750
3RW44 65-PBCP6
880
–
500
630
900
780
–
–
700
850
3RW44 65-PBCP6
970
–
560
710
1000
850
–
–
750
900
3RW44 65-PBCP6
Order No. supplement for connection type
Spring-loaded terminals
2
Screw-type terminals
6
Order No. supplement for rated control supply voltage Us
AC 115 V
3
AC 230 V
4
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com