Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW302. Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # 3RW302.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW302. Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  3RW302. Datasheet HTML 1Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 2Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 3Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 4Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 5Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 6Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 7Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 8Page - Siemens Semiconductor Group 3RW302. Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
SIRIUS soft starters are perfectly
matched with the SIRIUS devices for the
control cabinet. The modular standard
components, which can be flexibly
combined, offer everything for the
switching, protecting and starting of
various consumers. The range features
state-of-the-art technology and offers
continuous innovations such as compact
soft starter solutions, solid-state switching
devices and many further products.
With only seven sizes, the range covers
the entire power spectrum up to 250
kW. To assemble a load feeder in next to
no time, a soft starter, circuit breaker,
contactor or overload relay is simply
docked on and screw-fastened. By the
way, also maintenance is just as easy
and fast as the SIRIUS components’
configuration, installation and wiring.
SIRIUS devices for the control cabinet
not only feature innovative technology,
but are also accommodated in a perfect
design, which received the renowned
iF Product Design Award. Space-saving
assembly, outstanding ergonomics as
well as excellent design and workmanship
ensure a particularly tidy arrangement in
the control cabinet.
SIRIUS also scores a top ranking in
worldwide comparison: Whether in
São Paolo, Berlin or Shanghai – SIRIUS
devices for the control cabinet are
available with international approvals all
around the world. Our comprehensive
service network provides prompt support
throughout the entire life cycle in more
than 190 countries.
SIRIUS Devices
for the Control Cabinet
The SIRIUS range
Load feeders
Up to 250 kW easily realizable with standard devices
Modularity
Everything is matched and can be combined as
required
Versions and sizes
Efficient and flexible, thanks to 7 compact sizes
Assembly
Fast commissioning, short set-up times, easy wiring
Communication
Open for SIRIUS NET;
connection to AS-Interface and PROFIBUS DP possible
Maintenance
Extremely durable; low maintenance and reliable
Construction
Space-saving, thanks to small device width and
side-by-side assembly up to 60 °C
Approvals
Worldwide approvals and certification
UL, CSA, shipbuilding
Design
Clear, ergonomic and award-winning
Mounting
Reliable screw-type or snap-on mounting over entire
service life
Service
Short delivery periods also for spare parts through
global logistics network
Environment
Environmentally friendly production and
materials; recyclability; low power loss
Accessories
Low variance with integrated accessories
Spring-loaded technology Fast and safe connection; vibration-proof and
maintenance-free
4
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com