Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW442. Datasheet(PDF) 27 Page - Siemens Semiconductor Group

Part # 3RW442.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW442. Datasheet(HTML) 27 Page - Siemens Semiconductor Group

Back Button 3RW442. Datasheet HTML 23Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 24Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 25Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 26Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 27Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 28Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 29Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 30Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 31Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
2
1
10
3RW402.
–
–
–
–
3RW4900-0PB10
–
–
–
–
–
3RW4928-8VB00
3RW4928-8VB00
–
3RW403.
–
–
3RT1936-4EA2
–
3RW4900-0PB10
–
–
–
–
–
3RW4947-8VB00
3RW4947-8VB00
–
3RW402.
12.5/25/32/38
11/23/29/34
10/21/26/31
–25 … +60
S0
3RW403.
45/63/72
42/58/62
39/53/60
–25 … +60
S2
3RW404.
–
–
3RT1946-4EA2
3RT1946-4EA1
3RW4900-0PB10
–
–
–
–
–
3RW4947-8VB00
3RW4947-8VB00
–
3RW404.
80/106
73/98
66/90
–25 … +60
S3
3RW405.
3RT1955-4G up to 70 mm2
3RT1956-4G up to 120 mm2
3RT1956-4EA2
3RT1956-4EA1
3RW4900-0PB00
–
–
–
–
–
–
3RW4936-8VX30 AC 115 V
3RW4936-8VX40 AC 230 V
3RW407.
3RT1966-4G up to 240 mm2
–
3RT1966-4EA2
3RT1966-4EA1
3RW4900-0PB00
–
–
–
–
–
–
3RW4947-8VX30 AC 115 V
3RW4947-8VX40 AC 230 V
AC 115 (–15%/+10%)
–
50/60 (±10%)
AC 200 … 460 (–15%/+10%)
50/60 (±10%)
3RW405.
134/162
117/145
100/125
–25 … +60
S6
3RW40..-.BB3.
3RW40..-.BB.4
AC 230 (–15%/+10%)
–
50/60 (±10 %)
AC 400 … 600 (–15%/+10%)
50/60 (±10%)
3RW407.
230/280/356/432
205/248/315/385
180/215/280/335
–25 … +60
S12
3RW40..-.BB4.
3RW40..-.BB.5
AC/DC 110 ... 230 (–15%/+10%)
approx. 25 ... 20
50/60 (±10 %)
3RW40..-..B1.
3RW40..-..B.5
AC 400 … 600 (–15%/+10%)
50/60 (±10%)
AC/DC 24 (±20%)
approx. 50
50/60 (±10%)
3RW40..-..B0.
3RW40..-..B.4
AC 200 … 480 (–15%/+10%)
50/60 (±10%)
3
SIRIUS 3RW40
SIRIUS 3RW40
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com