Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW442. Datasheet(PDF) 28 Page - Siemens Semiconductor Group

Part # 3RW442.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW442. Datasheet(HTML) 28 Page - Siemens Semiconductor Group

Back Button 3RW442. Datasheet HTML 24Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 25Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 26Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 27Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 28Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 29Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 30Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 31Page - Siemens Semiconductor Group 3RW442. Datasheet HTML 32Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
1) Front-installed fan with 3RW446.
3RW4966-8VX30 AC 115 V
3RW4966-8VX40 AC 230 V
AC 230 (–15%/+10%)
–
50 … 60 (±10%)
3RW44..-.BC4.
AC 400 … 600 (–15%/+10%)
50/60 (±10%)
22 versions
29 … 1214
26 … 1076
23 ... 970
0 … +60
–
3RW44..-.BC.5
AC 400 … 690 (–15%/+10%)
50/60 (±10%)
22 versions
29 … 1214
26 … 1076
23 ... 970
0 … +60
–
3RW44..-.BC.6
3RW443.
3RT1955-4G up to 70 mm2
3RT1956-4G up to 120 mm2
3RT1956-4EA2
3RT1956-4EA1
–
3ZS1313-4CC10-0YA5
3ZS1313-5CC10-0YA5
3ZS1313-6CC10-0YA5
3UF7940-0AA00-0
2SX5 100-3PC07
3RW4900-0KC00
3RW4900-0AC00
3UF7933-0BA00-0
–
3RW4936-8VX30 AC 115 V
3RW4936-8VX40 AC 230 V
3RW444.
3RT1966-4G up to 240 mm2
–
3RT1966-4EA2
3RT1966-4EA1
–
3ZS1313-4CC10-0YA5
3ZS1313-5CC10-0YA5
3ZS1313-6CC10-0YA5
3UF7940-0AA00-0
2SX5 100-3PC07
3RW4900-0KC00
3RW4900-0AC00
3UF7933-0BA00-0
–
3RW4947-8VX30 AC 115 V
3RW4947-8VX40 AC 230 V
3RW445. / 3RW446.1)
–
–
–
–
–
3ZS1313-4CC10-0YA5
3ZS1313-5CC10-0YA5
3ZS1313-6CC10-0YA5
3UF7940-0AA00-0
2SX5 100-3PC07
3RW4900-0KC00
3RW4900-0AC00
3UF7933-0BA00-0
–
3RW4957-8VX30 AC 115 V
3RW4957-8VX40 AC 230 V
3RW442.
included in scope
of supply
–
3RT1956-4EA2
3RT1956-4EA1
–
3ZS1313-4CC10-0YA5
3ZS1313-5CC10-0YA5
3ZS1313-6CC10-0YA5
3UF7940-0AA00-0
2SX5 100-3PC07
3RW4900-0KC00
3RW4900-0AC00
3UF7933-0BA00-0
–
3RW4936-8VX30 AC 115 V
3RW4936-8VX40 AC 230 V
AC 115 (–15%/+10%)
–
50 … 60 (±10%)
AC 200 … 460 (–15%/+10%)
50/60 (±10%)
22 versions
29 … 1214
26 … 1076
23 ... 970
0 … +60
–
3RW44..-.BC3.
3RW44..-.BC.4
High-feature applications
4
SIRIUS 3RW44
SIRIUS 3RW44
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com