Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401KSO2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHF1401KSO2
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401KSO2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHF1401KSO2 Datasheet HTML 9Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 10Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 11Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 12Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 13Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 14Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 15Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 16Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
RHF1401
Typical performance characteristics
13/29
Figure 10.
Single-tone 16K FFT
1.
At Fs = 20 Msps, internal references, Fin =5 MHz, Icca = 40 mA, Vin@-1 dBFS,
SFDR = -89.3 dBc, THD = -84.5 dBc, SNR = 70.5 dB, SINAD = 70.3 dB, ENOB = 11.5 bits
Figure 11.
Single-tone 16K FFT
1.
At Fs=20 Msps, external references, Fin=5 MHz, Icca = 40 mA, Vin@-1 dBFS, VREFP= 1.25V, SFDR = -87.5 dBc, THD = -
85.4 dBc, SNR = 73.3 dB, SINAD = 73 dB, ENOB = 11.84 bits
Figure 8.
2nd & 3rd harmonics vs. Fin, internal
refs, Fs =20 MHz; Icca = 40 mA
Figure 9.
2nd & 3rd harmonics vs. Fin, external
ref REFP=1 V, Fs=20MHz; Icca=28mA
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
5
10
15
20
25
30
Fin (Mhz)
H2
H3
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
5
1015
2025
30
Fin(Mhz)
H3
H2
-1 8 0
-1 6 0
-1 4 0
-1 2 0
-1 0 0
-8 0
-6 0
-4 0
-2 0
0
F( M h z )
05
10
-1 6 0
-1 4 0
-1 2 0
-1 0 0
-8 0
-6 0
-4 0
-2 0
0
20
F ( M hz )
5
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com