Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401KSO2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHF1401KSO2
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401KSO2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHF1401KSO2 Datasheet HTML 17Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 18Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 19Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 20Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 21Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 22Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 23Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 24Page - STMicroelectronics RHF1401KSO2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
RHF1401
Application information
21/29
Figure 24.
Impact of clock frequency on RHF1401 performance
In the case of under-sampling, that is when the sampling rate is much lower than the input
signal frequency (for example a 2Msps sampling rate with a 41.3MHz input signal), there are
two critical parameters to consider:
●
The value of the Rpol resistor
●
The clock jitter
7.5
Digital inputs/outputs
Data format select (DFSB)
When set to low level (VIL), the digital input DFSB provides a two’s complement digital
output MSB. This can be of interest when performing further signal processing.
When set to high level (VIH), DFSB provides a standard binary output coding.
Output enable (OEB)
When set to low level (VIL), all digital outputs remain active and are in low impedance state.
When set to high level (VIH), all digital output buffers are in high impedance state. It results
in lower consumption while the converter goes on sampling.
When OEB is set to low level again, the data is then delivered on the output with a very short
Ton delay.
Out of range (OR)
This function is implemented on the output stage in order to set up an “Out of range” flag
whenever the digital data is over the full scale range.
Typically, there is a detection of all the data at ’0’ or all the data at ’1’. This ends up with an
output signal OR which is in low level state (VOL) when the data is within the range, or in
high level state (VOH) when the data is out of the range.
0
10
20
30
40
50
60
70
80
15
15
25
Fin
Fs = 1.0 Msps
Fs = 1.2 Msps
Fs = 1.5 Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com