Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1135-3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 1135-3
Description  RF & MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1135-3 Datasheet(HTML) 2 Page - STMicroelectronics

  1135-3 Datasheet HTML 1Page - STMicroelectronics 1135-3 Datasheet HTML 2Page - STMicroelectronics 1135-3 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT
f
= 150 MHz
VCC
= 7.5 V
2.5
—
—
W
GP
f
= 150 MHz
VCC
= 7.5 V
11.0
—
—
dB
COB
f
= 1 MHz
VCB
= 7.5 V
—
19
—
pF
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCES
IC
= 10mA
VBE
= 0V
36
—
—
V
BVCEO
IC
= 50mA
IB
= 0mA
16
—
—
V
BVEBO
IE
= 2mA
IC
= 0mA
4.0
—
—
V
ICER
VCE
= 10V
RBE
= 50Ω
——
0.5
mA
ICBO
VCB
= 15V
IE
= 0mA
—
—
1.0
mA
hFE
VCE
= 5V
IC
= 200mA
20
—
—
—
DYNAMIC
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
FREQ.
ZIN (
Ω)ZCL (Ω)
150 MHz
2.2
− j 0.4
7.9 + j 8.4
160 MHz
1.9
− j 0.8
7.6 + j 8.2
170 MHz
1.0
− j 1.0
6.0 + j 8.3
POUT
= 2.5W
VCE
= 7.5V
ZIN
ZCL
IMPEDANCE DATA
SD1135-03
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com