Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1135-3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1135-3
Description  RF & MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1135-3 Datasheet(HTML) 1 Page - STMicroelectronics

  1135-3 Datasheet HTML 1Page - STMicroelectronics 1135-3 Datasheet HTML 2Page - STMicroelectronics 1135-3 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VHF PORTABLE/MOBILE APPLICATIONS
RF & MICROWAVE TRANSISTORS
.280 4LSL (M123)
epoxy sealed
.
150 MHz
.
7.5 VOLTS
.
COMMON EMITTER
.
POUT
= 2.5 W MIN. WITH 11.0 dB GAIN
DESCRIPTION
The SD1135-03 is a 7.5 V Class C epitaxial silicon
NPN planar transistor designed primarily for VHF
communications. It withstands severe mismatch
under operating conditions.
PIN CONNECTION
BRANDING
1135-3
ORDER CODE
SD1135-03
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCER
Collector-Emitter Voltage
16
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
1.7
A
PDISS
Power Dissipation
15
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
11.6
°C/W
SD1135-03
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
October 1992
1/3


Similar Part No. - 1135-3

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
1135-1-G HELLERMANNTYTON-1135-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results

Similar Description - 1135-3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1134-05 STMICROELECTRONICS-SD1134-05 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
Oct-1992
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1401 ADPOW-MS1401 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
MS1403 ADPOW-MS1403 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com