Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV00053 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV00053
Description  Stereo Headphones
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV00053 Datasheet(HTML) 1 Page - Pro-Signal

  AV00053 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stereo Headphones
A new stylish design in mini stereo head-
phones. Ultra-lightweight with adjustable
headband and foam earpads. packaged in
blistercard.
Frequency
Cord
Drive Unit
Impedance
Sensitivity
Power
Response
Length
27mm Mylar Speaker
32Ω
100dB SPL @ 1KHz 100mW 20 - 20000Hz 1.2m with 3.5mm Jack Plug
246179
Price Each
Order Code
371-1158


Similar Part No. - AV00053

ManufacturerPart #DatasheetDescription
logo
Carl Kammerling Interna...
AV00010 CARL-AV00010 Datasheet
239Kb / 1P
Collapsible Stool
31 Jan 2023
More results

Similar Description - AV00053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Rev 1; 8/06
logo
rfsolutions.ltd
SA2 RFSOLUTIONS-SA2 Datasheet
676Kb / 2P
Stereo headphones amplifier
logo
Tripp Lite. All Rights ...
P311025 TRIPPLITE-P311025 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 25-ft
P312001 TRIPPLITE-P312001 Datasheet
478Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M-M), 1-ft
P312006 TRIPPLITE-P312006 Datasheet
469Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 6-ft
P312015 TRIPPLITE-P312015 Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 15-ft
P312050 TRIPPLITE-P312050 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 50-ft
P312-001 TRIPPLITE-P312-001 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 1-ft.
P312-012 TRIPPLITE-P312-012 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 12-ft.
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com