Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN663 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN663
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN663 Datasheet(HTML) 3 Page - Microchip Technology

  AN663 Datasheet HTML 1Page - Microchip Technology AN663 Datasheet HTML 2Page - Microchip Technology AN663 Datasheet HTML 3Page - Microchip Technology AN663 Datasheet HTML 4Page - Microchip Technology AN663 Datasheet HTML 5Page - Microchip Technology AN663 Datasheet HTML 6Page - Microchip Technology AN663 Datasheet HTML 7Page - Microchip Technology AN663 Datasheet HTML 8Page - Microchip Technology AN663 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ã 1997 Microchip Technology Inc.
DS00665A-page 3
AN665
FIGURE 4: HCS300 BLOCK DIAGRAM
The IBM PC-AT® Keyboard Protocol
IBM® was the first to introduce the synchronous serial
protocol most of today’s PC-ATs use to communicate
with a keyboard. This now-standard, 5-pole shielding
connector (Figure 5) carries the clock line, data line,
ground, and +5V power supply in order to transmit data
bidirectionally from the keyboard to the PC.
Typically, data travelling from the keyboard to the PC is
accomplished by either key pressure or release infor-
mation. However, some configuration data (i.e., repeat,
delay, and rate) can flow in the opposite direction – for
example, during a system boot. The keyboard drives
the clock line by using open collector drivers. To disable
the keyboard, the PC can keep the clock line low. If the
data line is held low by the PC while the clock line is
high, the computer transmits a requests to send, and
the keyboard goes into receive mode. The keyboard is
only allowed to send data when both the clock line and
data line are high.
FIGURE 5: STANDARD 5-POLE CONNECTOR
FIGURE 6: AT® KEYBOARD PROTOCOL
VSS
VDD
Oscillator
Reset circuit
LED driver
Controller
Power
latching
and
switching
Button input port
32-bit shift register
Encoder
EEPROM
PWM
LED
S3 S2 S1 S0
1
4
2
5
3
1 = Clock
2 = Data
3 = GND
4 = GND
5 = +5V
1
2345
6789
10
11
Keyboard
Clock
Keyboard
Data
PC
Data
Start
Bit
Start
Bit
LSB
LSB
MSB
Parity
Stop
Bit
MSB
Parity
Stop
Bit
Keyboard pulls low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com