Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN663 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN663
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN663 Datasheet(HTML) 1 Page - Microchip Technology

  AN663 Datasheet HTML 1Page - Microchip Technology AN663 Datasheet HTML 2Page - Microchip Technology AN663 Datasheet HTML 3Page - Microchip Technology AN663 Datasheet HTML 4Page - Microchip Technology AN663 Datasheet HTML 5Page - Microchip Technology AN663 Datasheet HTML 6Page - Microchip Technology AN663 Datasheet HTML 7Page - Microchip Technology AN663 Datasheet HTML 8Page - Microchip Technology AN663 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ã 1997 Microchip Technology Inc.
DS00665A-page 1
M
Using KEELOQ¨ to Generate Hopping Passwords
INTRODUCTION
The purpose of this application note is to demonstrate
how KEELOQÒ code hopping technology can be conve-
niently employed to implement an automatic code hop-
ping password generator/keypad. Using a PIC12C508,
the hopping code produced by an HCS300 is converted
to a string of 16 hex digits. This string is then trans-
ferred to the PC via the keyboard line, thereby emulat-
ing the actual pressure of a sequence of keys on a
standard PC/AT ® keyboard. Since this conversion pro-
cess is transparent to any application, it appears as if
the user is simply typing on a PC/AT-type keyboard.
An ideal situation for implementing this application
would be in creating a “super password” for general,
access-control secure logins when transmitting infor-
mation onto the internet (i.e., through a browser) or a
Java applet.
THE “HOPPING” ADVANTAGE
Password-based access control systems are very pop-
ular today, but the level of security they provide are
often overestimated. Being basically a unidirectional
transmission, a password-based system has two very
important shortcomings which can lead to unautho-
rized access: the code is fixed, and the number of pos-
sible combinations is relatively low.
The growing speed of communication lines and the
computing power of available systems increases the
chance of a brute force attack or “code scanning.” The
use of unsecure means of transmission, where code
“grabbing” is possible (i.e., a typical modem connection
over phone lines), can make the use of a fixed code
highly undesirable. Note that these are the same situa-
tion that led to the introduction of the “code hopping”
concept in the remote control market.
The basic idea is to have the access code change each
time it is used through a sequence where the new
codes cannot be predicted even knowing a very large
number of previously used ones. Producing such a
sequence requires the use of a solid encryption engine.
Microchip Technology is currently offering a broad
range of encoders based on the proprietary KEELOQ
code hopping technology. These encoders make pro-
ducing a code hopping remote control easy, but as we
will see, can also be conveniently used to add the hop-
ping advantage to old password based access control
systems in a transparent way.
FIGURE 1: HCS300 AND PIC12C508 PINOUT DIAGRAMS
Author:
Lucio Di Jasio
Arizona Microchip Technology, Italy
PIC12C508
8
7
6
5
1
2
3
4
VSS
GP0
GP1
GP2/T0CKI
GP5/OSC1/CLKIN
GP4/OSC2
GP3/MCLR/VPP
VDD
1
2
3
4
8
7
6
5
S0
S1
S2
S3
VDD
LED
PWM
VSS
HCS300
AN665
KEELOQ is a registered trademark of Microchip Technology, Inc.
Microchip’s Secure Data Products are covered by some or all of the following patents:
Code hopping encoder patents issued in Europe, U.S.A., and R.S.A. — U.S.A.: 5,517,187; Europe: 0459781; R.S.A.: ZA93/4726
Secure learning patents issued in the U.S.A. and R.S.A. — U.S.A.: 5,686,904; R.S.A.: 95/5429
IBM PC-AT, IBM and AT are registered trademarks of International Business Machines Corporation


Similar Part No. - AN663

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
PRECISION32??MCU FAMILY CLOCKING OPTIONS
More results

Similar Description - AN663

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS500 MICROCHIP-HCS500_11 Datasheet
728Kb / 40P
KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
HCS515 MICROCHIP-HCS515_11 Datasheet
820Kb / 38P
KEELOQ짰 Code Hopping Decoder stand-alone decoder
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com