Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2516NH Datasheet(PDF) 1 Page - STMicroelectronics

Part # S2516NH
Description  SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2516NH Datasheet(HTML) 1 Page - STMicroelectronics

  S2516NH Datasheet HTML 1Page - STMicroelectronics S2516NH Datasheet HTML 2Page - STMicroelectronics S2516NH Datasheet HTML 3Page - STMicroelectronics S2516NH Datasheet HTML 4Page - STMicroelectronics S2516NH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S25xxxH
®
January 1995
SCR
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180
° conduction angle)
Tc= 85
°C25
A
IT(AV)
Average on-state current
(180
° conduction angle)
Tc= 85
°C16
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C)
tp = 8.3 ms
270
A
tp = 10 ms
250
I
2t
I
2t Value for fusing
tp = 10 ms
310
A
2s
dI/dt
Critical rate of rise of on-state current
IG = 100 mA
diG /dt = 1 A/
µs.
100
A/
µs
Tstg
Tj
Storage and operating junction temperature range
- 40, + 150
- 40, + 125
°C
Tl
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
ABSOLUTE RATINGS (limiting values)
TO220
non-insulated
(Plastic)
IT(RMS) =25A
VDRM = 200V to 800V
High surge current capability
FEATURES
Symbol
Parameter
Voltage
Unit
BD
M
N
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
200
400
600
800
V
The S25xxxH series of SCRs uses a high
performance MESA GLASS PNPN technology.
These parts are intended for general purpose
applications.
DESCRIPTION
K
G
A
1/5


Similar Part No. - S2516NH

ManufacturerPart #DatasheetDescription
logo
Lapp.
S2516 LAPP-S2516 Datasheet
409Kb / 1P
SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
logo
Microsemi Corporation
S25160 MICROSEMI-S25160 Datasheet
137Kb / 2P
SILICON POWER RECTIFIER
More results

Similar Description - S2516NH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
SCR
Mar-1995
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
SCR
Mar-1995
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
SCR / SCR and SCR / DIODE
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
SCR
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
logo
WeEn Semiconductors
BT145-800RT WEEN-BT145-800RT Datasheet
361Kb / 11P
SCR
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
SCR
BT151-800C WEEN-BT151-800C Datasheet
216Kb / 12P
SCR
BT151S-500L WEEN-BT151S-500L Datasheet
273Kb / 12P
SCR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com