Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP800 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CP800
Description  Single Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CP800 Datasheet HTML 1Page - List of Unclassifed Manufacturers CP800 Datasheet HTML 2Page - List of Unclassifed Manufacturers CP800 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CP800 Series
Single Phase Bridge Rectifiers
Page 2
31/05/05 V1.0
Rating and Characteristic Curves
Number of Cycles at 60Hz
Ambient Temperature, °C
Figure 2 - Derating Curve for Output Rectified
Current
Instantaneous Forward Voltage, Volts
Figure 3 - Typical Forward Characteristics (25°C)
Figure 4 - Reverse Characteristics
Percent of Rated Peak Reverse Voltage
VRRM
(V)
Maximum
Input Voltage
(V ac)
IO
(A)
TA
(°C)
IFSM
(A)
Body
Lead
Part Number
Height
Width/Depth Length
Spacing
Diameter
200
600
8
50
200
7.6
19.1
19.1
12.7
1.3
Typical
CP802
600
420
CP806
800
560
40
CP808
Dimensions : Millimetres
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com