Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP800 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CP800
Description  Single Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP800 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CP800 Datasheet HTML 1Page - List of Unclassifed Manufacturers CP800 Datasheet HTML 2Page - List of Unclassifed Manufacturers CP800 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CP800 Series
Single Phase Bridge Rectifiers
Page 1
31/05/05 V1.0
Features:
•• High surge current capability.
•• PCB mounted/screw fixing.
•• Surge overload rating: 200 Amperes peak.
•• Low forward voltage drop and reverse leakage.
•• Small size, simple installation.
•• Reliable low cost construction utilizing moulded plastic technique.
Mechanical Data:
Mounting position
: Any.
Terminals
: Leads solderable per MIL-
STD-202, Method 208.
Mounting
: Through hole for a number 6
screw.
Maximum Ratings and Electrical Characteristics
At 25°C ambient temperature unless otherwise noted; resistive or inductive load at 60Hz.
Parameter
CP802
CP806
CP808
Unit
Maximum recurrent peak reverse voltage
200
600
800
V
Maximum bridge input voltage RMS
140
420
560
Maximum average rectified output at
TC = 50°C
see Figure 2
TA = 40°C
8.0
3.0
A
Peak one cycle surge overload current
200
A
Maximum forward voltage drop per element at 4.0A dc and 25°C
see Figure 3
1.1
V
Maximum reverse leakage at rated DC blocking voltage per element at 25°C
See Figure 4
at 100°C
10.0
1.0
µA
mA
I2t Rating for fusing ( t<8.3ms)
166
A2 seconds
Typical junction capacitance per leg (Note 4) CJ
200
pF
Typical thermal resistance per leg (Note 3) R
θJA
Typical thermal resistance per leg (Note 2) R
θJL
21
6
°C/W
Operating temperature range
-55 to +125
°C
Storage temperature range
-55 to +150
Notes:
1. Bolt down on to a heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer with a
number 6 screw.
2. Units Mounted on a 8.6” x 8.6” x 24” thick (22 x 22 x 0.6cm) Aluminium plate heatsink.
3. Units Mounted on PCB at 0.375” (9.5mm) lead length with 0.5” x 0.5” (12 x 12mm) copper pads.
4. Measured at 1.0MHz and applied reverse voltage.
Dimensions : Inches (Millimetres)


Similar Part No. - CP800

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP800 TRSYS-CP800 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - CP800

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ20005 SIRECTIFIER-GBJ20005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
Nanjing International G...
KBPC15005W DGNJDZ-KBPC15005W Datasheet
396Kb / 2P
SINGLE PHASE BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com