Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCG-H9RN Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LCG-H9RN
Description  OSRAM OSTAR® Projection Cube
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCG-H9RN Datasheet(HTML) 4 Page - ams-OSRAM AG

  LCG-H9RN Datasheet HTML 1Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 2Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 3Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 4Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 5Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 6Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 7Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 8Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LCG H9RN
4 Version 1.6 | 2020-06-03
Chromaticity Coordinate Groups
within λ = 500 ... 600 nm
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
2
0.3083
0.6404
0.3150
0.6504
0.3250
0.6437
0.3183
0.6337
Group Name on Label
Example: MZ-2
Brightness
Color Chromaticity
MZ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com