Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCG-H9RN Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # LCG-H9RN
Description  OSRAM OSTAR® Projection Cube
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCG-H9RN Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button LCG-H9RN Datasheet HTML 12Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 13Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 14Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 15Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 16Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 17Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 18Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 19Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LCG H9RN
16 Version 1.6 | 2020-06-03
Chip Technology:
N:
standard (1mm²)
M:
low current (750µm)
Encapsulant Type / Lens Properties
R:
silicone (with or without diffuser)
Color coordinates according
CIE 1931 / Emission color:
CG:
Cx: 0.32; Cy: 0.64 / color on demand green
L:
Light
Emitting
Diode
Package Type
H: Top emitting device, Leadframe
based, black reflector package
Lead / Package Properties
9:
leadless
Type Designation System
L
CG
H
9
R
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com