Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-H9GP Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # LCW-H9GP
Description  OSLON® Black
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCW-H9GP Datasheet(HTML) 3 Page - ams-OSRAM AG

  LCW-H9GP Datasheet HTML 1Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 2Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 3Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 4Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 5Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 6Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 7Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 8Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LCW H9GP
DATASHEET
DATASHEET
3 | Version 1.7 | 2023-09-29
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 350 mA
Φ
V
LCW H9GP-JZKY-4U9X-1
2700 K
61 ... 97 lm
Q65111A0919
LCW H9GP-JZKY-4R9T-1
3000 K
61 ... 97 lm
Q65111A0920
LCW H9GP-JZKZ-4O9Q-1
3500 K
61 ... 112 lm
Q65111A0921
LCW H9GP-JZLX-4L8N-1
4000 K
61 ... 130 lm
Q65111A0922
LCW H9GP-KXLX-4J8K-1
4500 K
71 ... 130 lm
Q65111A0923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com