Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-H9GP Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # LCW-H9GP
Description  OSLON® Black
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCW-H9GP Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button LCW-H9GP Datasheet HTML 9Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 10Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 11Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 12Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 13Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 14Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 15Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 16Page - ams-OSRAM AG LCW-H9GP Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LCW H9GP
DATASHEET
DATASHEET
13 | Version 1.7 | 2023-09-29
Relative Spectral Emission 6)
Φ
rel = f (λ); IF = 350 mA; TS = 25 °C
LCWH9GP
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
:Vλ
:warmwhite
Radiation Characteristics 6)
I
rel = f (ϕ); TS = 25 °C
OHL04470
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com