Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-CEUP Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LCY-CEUP
Description  OSLON® Compact CL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCY-CEUP Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LCY-CEUP Datasheet HTML 8Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 9Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 10Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 11Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 12Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 13Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 14Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 15Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LCY CEUP
12 Version 1.4 | 2020-04-27
Dimensional Drawing 9)
Further Information:
Approximate Weight:
7.8 mg
Package marking:
Cathode
Corrosion test:
Class: 3A
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com