Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-CEUP Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LCY-CEUP
Description  OSLON® Compact CL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCY-CEUP Datasheet(HTML) 1 Page - ams-OSRAM AG

  LCY-CEUP Datasheet HTML 1Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 2Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 3Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 4Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 5Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 6Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 7Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 8Page - ams-OSRAM AG LCY-CEUP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LCY CEUP
1 Version 1.4 | 2020-04-27
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LCY CEUP
OSLON® Compact CL
Compact light source with a typical luminous flux of
125 lm at 700 mA and an operation range of 50 mA
up to 1000 mA
—
Signalling
Features:
—
Package: Ceramic package
—
Chip technology: UX:3
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.57, Cy = 0.42 acc. to CIE 1931 (● converted yellow)
—
Corrosion Robustness Class: 3A
—
Qualifications: AEC-Q102 Qualified
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - LCY-CEUP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCY-CLBP OSRAM-LCY-CLBP Datasheet
408Kb / 22P
SMD ceramic package with silicone resin with lens
logo
ams-OSRAM AG
LCY-CLBP AMSOSRAM-LCY-CLBP Datasheet
1Mb / 24P
OSLON® Signal
2022-06-02
LCY-CRBP-01 AMSOSRAM-LCY-CRBP-01 Datasheet
1Mb / 24P
OSLON® Signal
2023-04-06
More results

Similar Description - LCY-CEUP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4710 OSRAM-SFH4710 Datasheet
308Kb / 12P
OSLON Compact (850nm)
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
OSLON Compact PL
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
OSLON Compact PL
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
OSLON Compact
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
logo
Lapp.
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com