Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM1120/00T Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # VCM1120/00T
Description  Color Observation Systems Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

VCM1120/00T Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  VCM1120/00T Datasheet HTML 1Page - Bosch Sensortec GmbH VCM1120/00T Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CCTV | Color Observation Systems Accessories
EAZEO is the latest generation of the successful Bosch
Observation Systems for small and medium-sized
businesses. These accessories allow you to expand your
EAZEO system to meet your security needs.
Ordering Information
VSS7901/00T Intercom Box
For color observation systems, PAL
VSS7901/00T
VSS7902/00T Alarm / Action Box
For detectors and door locks, PAL
VSS7902/00T
VSS7903/00T Interface Box
For interfacing an optional VCR or TV receiver,
PAL
VSS7903/00T
VSS7905/00T Alarm / Action Box
Including PIR detector, PAL
VSS7905/00T
VSS7914/00T IR Eye Extension Cable for
DVR1A, B and C
For use with DVR1B1161 or DVR1C1161, 10
m (30 ft), PAL / NTSC
VSS7914/00T
VSS7915/00T Outdoor Video Intercom
For color observation systems, PAL
VSS7915/00T
VCM1120/00T Dummy Camera
For color observation systems
VCM7C130/00T design, PAL / NTSC
VCM1120/00T
VSS7911/00T Audio / Video Cable
For use on AUX output of monitor, PAL / NTSC
VSS7911/00T
Ordering Information
VSS7912/00T Audio / Video Extension
Cable 10m
To extent the cable between VCR and monitor,
10 m, PAL / NTSC
VSS7912/00T
RC283511/01 IR Remote Control
For color observation systems, PAL/NTSC
RC283511/01
VSS2906/00 Extension Cable 50m with
Adapter
50 m with RJ11 connectors, CCIR / EIA & PAL /
NTSC
VSS22906/00
VSS2930/00ExtensionCable300mwith25
RJ11 Connectors
300 m with 25 RJ11 connectors, CCIR / EIA &
PAL / NTSC
VSS2930/00
VCM1162/00R Mains Power Adapter to
24VDC
220 VAC / 24 VDC, CCIR / EIA & PAL / NTSC
VCM1162/00R
VSS9490/01T Color Slave Monitor
This monitor is available only as part of a kit.
VSS9490/01T
VCM1152/10T Protective CCD-camera
Housing
VCM1152/10T
VCM1353/00T Outdoor Housing
VCM1353/00T
Color Observation Systems Accessories
▶ Innovative products
▶ Plug-and-play
▶ Integrated functionality
▶ Service and reliability
www.boschsecurity.com


Similar Part No. - VCM1120/00T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCM101 ETC-VCM101 Datasheet
419Kb / 20P
Pressure switches and pressure monitors for overpressure
More results

Similar Description - VCM1120/00T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4730 OSRAM-SFH4730 Datasheet
273Kb / 7P
Ostar Observation
logo
Analog Devices
AD6641 AD-AD6641 Datasheet
653Kb / 28P
250 MHz Bandwidth DPD Observation Receiver
REV. 0
logo
OSRAM GmbH
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
OSRAM OSTAR Observation (850nm)
logo
Tripp Lite. All Rights ...
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
Wall-Mount Bracket and Installation Accessories for select UPS Systems
logo
OSRAM GmbH
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
OSRAM OSTAR Observation (850nm)
SFH-4730 OSRAM-SFH-4730 Datasheet
229Kb / 7P
Ostar Observation
logo
Analog Devices
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
logo
Vaisala
NM10 VAISALA-NM10 Datasheet
5Mb / 4P
Observation Network Manager NM10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com