Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TIP30C
Description  High Power Bipolar Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP30C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TIP30C Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 4Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 5Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP29, 30
High Power Bipolar Transistor
Page 2
31/05/05 V1.0
THERMAL CHARACTERISTICS
Maximum Ratings
Characteristic
Symbol
Maximum
Unit
Thermal Resistance Junction to Case
R
θjc
4.167
°C/W
Characteristic
Symbol
TIP29A
TIP30A
TIP29C
TIP30C
Unit
Collector-Emitter Voltage
VCEO
60
100
V
Collector-Base Voltage
VCBO
Emitter-Base Voltage
VEBO
5.0
Collector Current-Continuous
-Peak
IC
1.0
3.0
A
Base Current
IB
0.4
Total Power Dissipation at TC = 25°C
Derate above 25°C
PD
30
0.24
W
W/°C
Operating and Storage Junction Temperature Range
TJ, TSTG
-65 to +150
°C
Figure - 1 Power Derating



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com