Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TIP30C
Description  High Power Bipolar Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP30C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TIP30C Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 4Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 5Page - List of Unclassifed Manufacturers TIP30C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP29, 30
High Power Bipolar Transistor
Page 3
31/05/05 V1.0
Characteristic
Symbol
Minimum
Maximum
Unit
OFF Characteristics
Collector-Emitter Sustaining Voltage (1)
(IC = 30mA, IB = 0)
TIP29A, TIP30A
TIP29C, TIP30C
VCEO(sus)
60
100
-
V
Collector Cut off Current
(VCE = 30V, IB = 0)
TIP29A, TIP30A
(VCE = 60V, IB = 0)
TIP29C, TIP30C
ICEO
-
0.3
mA
Collector Cut off Current
(VCE = 60V, VEB = 0)
TIP29A, TIP30A
(VCE = 100V, VEB = 0) TIP29C, TIP30C
ICES
-
0.2
Emitter Cut off Current
(VEB = 5.0V, IC = 0)
IEBO
-
1.0
Electrical Characteristics (T
C = 25°C unless otherwise noted)
DC Current Gain
(IC = 0.2A, VCE = 4.0V)
(IC = 1.0A, VCE = 4.0V)
hFE
40
15
-
75
-
Collector-Emitter Saturation Voltage
(IC = 1.0A, IB = 125mA)
VCE(sat)
-
0.7
V
Base-Emitter On Voltage
(IC = 1.0A, VCE = 4.0V)
VBE(on)
-
1.3
DYNAMIC CHARACTERISTICS
Current Gain-Bandwidth Product (2)
(IC = 200mA, VCE = 10V, f = 1MHz)
fT
3.0
-
MHz
Small Signal Current Gain
(IC = 200mA, VCE = 10V, f = 1kHz)
hfe
20
-
-
ON CHARACTERISTICS (1)
(1) Pulse Test: Pulse Width
≤300µs, Duty Cycle ≤2.0%.
(2) fT= hFE • fTEST.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com