Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40P-MPC-21-M12-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D40P-MPC-21-M12-R
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P-MPC-21-M12-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  D40P-MPC-21-M12-R Datasheet HTML 1Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 2Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 3Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 4Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 5Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 6Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 7Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 8Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D40P-**C-21-*
-
1 2
3
1
Hall Effect Coded Magnet Non-contact Safety Switches
D40P
Model Number Structure
Hall effect coded magnet non-contact switches monitor the status of guarding doors.
Stainless steel housings for high hygiene demands in the food industry are available.
Elongated Sensor
1. Type
L:
S:
Small Sensor
M:
Miniature Sensor
B:
Barrel Sensor
2. Housing Material
P:
Plastic Housing
M:
Stainless Steel Housing
H:
Hygienic designed Stainless Steel Housing
F:
Special Food Type Stainless Steel Housing
3. Cable Length/Connection
05:
10:
M12:
5 m Cable
10 m Cable
M12 male connector, 8 pin, fitted with 250 mm cable
* only for D40P-MPC and D40P-MHC
LISTED
• Solid state design uses Hall effect technology for long life
operation with no mechanical parts to wear
• LED indicates operation state
• Operates with all OMRON safety controllers
• Operates behind stainless steel fittings
• IP69K versions suitable for high pressure cleaning and CIP/SIP
processes. Special food types have blind mounting holes to
minimize debris collection.
• Conforms to safety categories up to PLe acc. EN ISO13849-1
• Connect up to 20 switches in series, up to PLd acc. EN ISO 13849-1
4
4. Cable Exit Direction*
L:
R:
Exit to the left
Exit to the right


Similar Part No. - D40P-MPC-21-M12-R

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
D40P EIC-D40P Datasheet
26Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
New Jersey Semi-Conduct...
D40P NJSEMI-D40P Datasheet
335Kb / 1P
Silicon Power Tab Transistor
D40P NJSEMI-D40P Datasheet
82Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
EIC discrete Semiconduc...
D40P EIC-D40P Datasheet
51Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 03 : June 15, 2009
logo
New Jersey Semi-Conduct...
D40P1 NJSEMI-D40P1 Datasheet
335Kb / 1P
Silicon Power Tab Transistor
More results

Similar Description - D40P-MPC-21-M12-R

ManufacturerPart #DatasheetDescription
logo
SICK AG
STR1-SAFF0AC5 SICK-STR1-SAFF0AC5 Datasheet
482Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAFF10P5 SICK-STR1-SAFF10P5 Datasheet
398Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SAMF0AC5 SICK-STR1-SAMF0AC5 Datasheet
462Kb / 9P
NON-CONTACT SAFETY SWITCHES
STR1-SAMM10P5 SICK-STR1-SAMM10P5 Datasheet
377Kb / 7P
NON-CONTACT SAFETY SWITCHES
STR1-SASM0AC5 SICK-STR1-SASM0AC5 Datasheet
480Kb / 9P
NON-CONTACT SAFETY SWITCHES
TR4-SBM02C SICK-TR4-SBM02C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SBU01C SICK-TR4-SBU01C Datasheet
522Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM01C SICK-TR4-SEM01C Datasheet
436Kb / 7P
NON-CONTACT SAFETY SWITCHES
TR4-SEM03P SICK-TR4-SEM03P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
TR4-SEM10P SICK-TR4-SEM10P Datasheet
351Kb / 6P
NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com