Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40P-MPC-21-M12-R Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D40P-MPC-21-M12-R
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P-MPC-21-M12-R Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D40P-MPC-21-M12-R Datasheet HTML 5Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 6Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 7Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 8Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 9Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 10Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 11Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 12Page - Omron Electronics LLC D40P-MPC-21-M12-R Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Wiring Examples
T-Connector and Connection Cable
Connection Application Example of 3 Sensors
(up to Safety PLd acc. EN ISO 13849-1)
D40P
D40P-8PTC-M12
red
black
white
yellow
green
blue
D40P-8PTC-M12
D40ML-CBL-M12__M
Length: 5m or 10 m
D40P-8PMF-M12-_M
Length: 2 m, 5 m or 10 m
D40P-8PMF-M12-_M
Length: 2 m, 5 m or 10 m
+24 V
GND
A1
A2
T11
T12
T21
T22
T31
T32
KM1
KM2
Start
Feedback-
loop
13 14
M
KM1
KM2
G9SA-301
+24V
GND
KM1
KM2
33 34
Up to 20 sensors...
Sensor
Actuator
D40P-_-21-M12
303
4.50
120
63
M12 x 1mm Male
(8 WAY)
M12 x 1mm Female
(8 WAY)
M12 x 1mm Female
(8 WAY)
15
T-Connector Dimensions and Wiring
Shorting Plug Dimensions and Wiring
13.50
45
M12 x 1mm Male
(8 WAY)
4
5
2
NOT USED
6
LINK
3
1
7
NOT USED
8
MALE
NOT USED
LINK
NOT USED
(Unit: mm)
TYPE: T-PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com