Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3H2-R2C4M-M1-N Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3H2-R2C4M-M1-N
Description  Miniature photoelectric sensors in cylindrical M8 and M12 housing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3H2-R2C4M-M1-N Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3H2-R2C4M-M1-N Datasheet HTML 5Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 6Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 7Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 8Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 9Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 10Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 11Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 12Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
E3H2
NPN Output
Model
Operation
mode
Timing charts
Mode
selector switch
Output circuit
E3H2-T4C
@
E3H2-R2C
@
E3H2-D
@C@
Light ON
For through-
beam and retro-
reflective:
connect the
white wire (Pin 2)
to the brown wire
(Pin 1).
For diffuse-re-
flective:
open (do not con-
nect) the white
wire (Pin 2).
Dark ON
For through-
beam and retro-
reflective:
open (do not con-
nect) the white
wire (Pin 2).
For diffuse-re-
flective:
connect the
white wire (Pin 2)
to the brown wire
(Pin 1)
E3H2-T2C
@
Light ON
n.a. - fixed for
E3H2-T2C1
@
Dark ON
n.a. - fixed for
E3H2-T2C2
@
Light Incident
Light Interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g. relay)
4
3
1
0 V
ZD
10 to 30 VDC
Brown
Operation
indicator
(Yellow)
Photo-
electric
Sensor
Main
Circuit
(Control
output)
100 mA
max.
Black
Blue
Load
(Relay)
Through-beam receiver, retro-reflective,
diffuse-reflective
White
2
Mode Selection /
Teach
1
2
3
4
Connector Pin Arrangement
Light Incident
Light Interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g. relay)
3
1
Through-beam emitter
Power
indicator
(yellow)
Photo-
electric
Sensor
Main
Circuit
Brown
Blue
10 to 30 VDC
Connector Pin Arrangement
1
2
3
4
Light Incident
Light Interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g. relay)
4
3
1
0 V
ZD
Through-beam receiver
10 to 30 VDC
Brown
Operation
indicator
(Yellow)
Photo-
electric
Sensor
Main
Circuit
(Control
output)
100 mA
max.
Black
Blue
Load
(Relay)
4
1
3
Connector Pin Arrangement
Light Incident
Light Interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g. relay)
3
1
Through-beam emitter
Power
indicator
(yellow)
Photo-
electric
Sensor
Main
Circuit
Brown
Blue
10 to 30 VDC
4
1
3
Connector Pin Arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com