Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3H2-R2C4M-M1-N Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3H2-R2C4M-M1-N
Description  Miniature photoelectric sensors in cylindrical M8 and M12 housing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3H2-R2C4M-M1-N Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3H2-R2C4M-M1-N Datasheet HTML 1Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 2Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 3Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 4Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 5Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 6Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 7Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 8Page - Omron Electronics LLC E3H2-R2C4M-M1-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
E3H2
Engineering data (typical)
Parallel operating range
Through-beam models
E3H2-T4
E3H2-T2
Retroreflective models
E3H2-R2
Operating range
Diffuse reflective models
E3H2-DS30
E3H2-DS10
-200
-150
-100
-50
0
50
100
150
200
0
1000
2000
3000
4000
5000
Distance X (mm)
-300
-200
-100
0
100
200
300
00,5
11,5
22,5
3
Distance X (m)
-20
-10
0
10
20
0
500
1000
1500
2000
2500
3000
3500
Distance X (mm)
-25
-20
-15
-10
-5
0
5
10
15
20
25
050
100
150
200
250
300
Distance X (mm)
White 90%
Grey 18%
Black 6%
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
20406080
100
Distance X (mm)
White 90%
Grey18%
Black 6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com