Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40P-MHC-21-05-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D40P-MHC-21-05-R
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P-MHC-21-05-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  D40P-MHC-21-05-R Datasheet HTML 1Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 2Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 3Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 4Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 5Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 6Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 7Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 8Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
D40P
Accessories
Model
Cables (M12 Female - 8-pin to flying
leads)
5 m
10 m
Cables (M12 Male to M12 Female - 8-pin)
2 m
5 m
10 m
T-Connector Connection Cable
T-Connector for M12 cable
Shorting Plug
M12 Shorting Plug
Type
Cable Connection
Cables
Replacement Actuators
for D40P-LP
for D40P-SP
for D40P-MP
for D40P-CP
for D40P-WP
for D40P-BP
for D40P-LM
for D40P-SM
for D40P-BM
for D40P-SH
for D40P-SF
for D40P-MH
Replacement Actuators
Model
Type
Compatible Switch Model
D40ML-CBL-M12-05M
D40ML-CBL-M12-10M
D40P-8PMF-M12-02M
D40P-8PMF-M12-05M
D40P-8PMF-M12-10M
D40P-8PTC-M12
D40P-8PSP-M12
D40P-LPC-A
D40P-SPC-A
D40P-MPC-A
D40P-CPC-A
D40P-WPC-A
D40P-BPC-A
D40P-LMC-A
D40P-SMC-A
D40P-BMC-A
D40P-SHC-A
D40P-SFC-A
D40P-MHC-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com