Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40P-MHC-21-05-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D40P-MHC-21-05-R
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P-MHC-21-05-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  D40P-MHC-21-05-R Datasheet HTML 1Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 2Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 3Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 4Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 5Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 6Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 7Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 8Page - Omron Electronics LLC D40P-MHC-21-05-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
5 mm misalignment tolerance after setting
-5 -4 -3
L
-2 -1
012345
red
blue
white
black
yellow
green
brown
orange
+24 VDC
GND
NC Channel 1
NC Channel 1
NC Channel 2
NC Channel 2
Aux. NO Channel
Aux. NO Channel
Wire Color
Signal Name
D40P
Connection Diagram
Cable Version
M12-Connector Version (M12 male)
red
blue
white
black
yellow
green
brown
orange
2
3
1
7
4
6
5
8
+24 VDC
GND
NC Channel 1
NC Channel 1
NC Channel 2
NC Channel 2
Aux. NO Channel
Aux. NO Channel
Pin No.
(male side)
Signal Name
Wire Color
7
1
6
5
4
3
2
8
Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com