Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40P-MHC-21-M12-R Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D40P-MHC-21-M12-R
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P-MHC-21-M12-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D40P-MHC-21-M12-R Datasheet HTML 5Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 6Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 7Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 8Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 9Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 10Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 11Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 12Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Safety Precautions
!
CAUTION
!WARNING
Be sure to turn OFF the power before performing wiring.
Do not touch charge parts (e.g., terminals) while power is on.
Doing so may esult in electric shock.
Keep actuators (magnets) away from magnetically sensitive
equipment like PC harddisks, floppy disks etc. The magnetic
field of the magnet will damage existing data.
Do not allow the actuator to come close to the switch with the
door open. Doing so may cause machinery to start
operating and may result in injury.
Application Precautions
• Do not use the product in locations subject to explosive or
flammable gases.
• Do not use load currents exceeding the rated value.
• Be sure to wire each conductor correctly.
• Be sure to confirm correct operation after completing mounting
and adjustment.
• Do not drop or attempt to disassemble the product.
• Be sure to use the correct combination of switch and actuator.
• Use a power supply of the specified voltage. Do not use power
supplies with large ripples or power supplies that intermittently
generate incorrect voltages.
• Capacitors are consumable and require regular maintenance
and inspection.
Installation Locations
Do not install the product in the following locations. Doing so may
result in product failure or malfunction.
• Locations subject to direct sunlight
• Locations subject to humidity levels outside the range 35% to
85% or subject to condensation due to extreme temperature
changes
• Locations subject to corrosive or flammable gases
• Locations subject to shocks or vibration in excess of the
product ratings
• Locations subject to dust (including iron dust) or salts
Take appropiate and sufficient countermeasures when using the
product in the following locations.
• Locations subject to static electricity or other forms of noise
• Locations subject to possible exposure to radioactivity
• Locations subject to power supply lines
• It is advisable to mount the switches on non ferrous materi-
als. The presence of ferrous material can effect switching
sensitivity.
Solvents
Ensure that solvents, such as alcohol, thinner, trichloroethane,
or gasoline do not adhere to the product. Solvents may cause
markings to fade and components to deteriorate.
Guard Stops
!CAUTION
Use guard stops in the way shown below to ensure that the
switch and actuator do not make contact when the guard door
is closed.
min. 2 mm
min. 5 mm (Standard Sensor)
max. 4 mm (Elongated Sensor)
Guard door
Guard Stops
Switch
Actuator
Mounting Direction
CORRECT
INCORRECT
CORRECT
CORRECT
Using for Hinged Doors
Mutual Interferance
On hinged doors, install the Sensor at an opening edge as shown
below.
CORRECT
INCORRECT
If the switch and actuator are mounted in parallel, be sure to
separate them by at least 25 mm, as shown below.
25 mm min.
Switch
Switch
Actuator
Guard door
Actuator
D40P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com