Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40P-MHC-21-M12-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D40P-MHC-21-M12-R
Description  Hall Effect Coded Magnet Non-contact Safety Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40P-MHC-21-M12-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  D40P-MHC-21-M12-R Datasheet HTML 1Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 2Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 3Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 4Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 5Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 6Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 7Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 8Page - Omron Electronics LLC D40P-MHC-21-M12-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Specifications
Electrical Data
Plastic Housing
Stainless Steel/Food/Hygienic Housings
Sensor Technology
Hall Effect
Serial Switching
up to 20 switches in series
Power Supply
24 VDC ±10%
Rated Loads
NC Contacts Max.
0.2 A @ 24 VDC (min. internal resistance 8.5Ω)
NO Contact Max.
0.2 A @ 24 VDC
Dielectric Withstand
250 VAC
Insulation Resistance
100 MΩ
Mechanical Data
Plastic Housing
Stainless Steel/Food/Hygienic Housings
Indicator
LED
Operating Distance
OFF  ON (Sao)
8 mm
8 mm
ON  OFF (Sar)
20 mm
20 mm
Recommended Setting Gap
5 mm
Actuator Approach Speed
Min.
200 mm/s
Max.
1,000 mm/s
Switching Frequency
Max.
1.0 Hz
Operating Temperature
–25 to 80°C
–25 to 105°C
Enclosure Protection
Flying Lead
IP67
IP69K
M12 Connector
IP67
Cable Material
Flying Lead
PVC, 8 core, Ø 6 mm o.d.
M12 Connector
250 mm, PVC, Ø 6 mm o.d.
Mounting Bolts
2 × M4 (not supplied)
Tightening Torque for Mounting
Bolts
Max.
1 Nm
Shock Resistance (IEC 68-2-27)
11 ms, 30 g
Vibration Resistance (IEC 68-2-6)
10 to 55 Hz, 1 mm
Material
Black Polyester
Stainless Steel 316 (mirror polish)
Reliability Data
Plastic Housing
Stainless Steel/Food/Hygienic Housings
EN ISO 13849-1
up to PLe Category 4 (if both channels are used with a PLe control device)
PFHd
2.6 × 10-10 (1/h)
Proof Test Interval (Life) 47 Years
20 years
MTTFd
866 years
Approved Standards
EN Standards Certified by TUV Rheinland: EN ISO13849-1, EN 60204-1, EN ISO 14119 (Type 4 Interlocking Device),
EN/IEC 60947-5-3, UL 508, CSA C22.2.
D40P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com